Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP504 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AP504
Description  DCS-band 4W HBT Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP504 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AP504 Datasheet HTML 1Page - WJ Communication. Inc. AP504 Datasheet HTML 2Page - WJ Communication. Inc. AP504 Datasheet HTML 3Page - WJ Communication. Inc. AP504 Datasheet HTML 4Page - WJ Communication. Inc. AP504 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 5 April 2007
AP504
DCS-band 4W HBT Amplifier Module
Product Features
• 1705 – 1790 MHz
• 31.5 dB Gain
• +25 dBm CDMA2k 7fa Power
(-63 dBc ACPR)
• +12 V Single Supply
• Power Down Mode
• Bias Current Adjustable
• RoHS-compliant flange-mount pkg
Applications
• Final stage amplifiers for Repeaters
• Optimized for driver amplifier PA
mobile infrastructure
Product Description
The AP504 is a high dynamic range power amplifier in a
RoHS-compliant flange-mount package. The multi-stage
amplifier module has 31.5 dB gain. The module has been
internally optimized for linearity to provide +25 dBm (-63
dBc ACPR) linear power for 7-carrier CDMA2000
applications.
The AP504 uses a high reliability InGaP/GaAs HBT
process technology and does not require any external
matching components. The module operates off of a +12V
supply and does not requiring any negative biasing voltages;
an internal active bias allows the amplifier to maintain high
linearity over temperature. It has the added feature of a
+5V power down control pin. While the module has been
tuned for optimal performance for Class AB applications,
the quiescent current can also be adjusted for Class B
applications through an external resistor. A low-cost metal
housing allows the device to have a low thermal resistance
and achieves over 100 years MTTF. All devices are 100%
RF and DC tested.
The AP504 is targeted for use as a driver or final stage
amplifier in wireless infrastructure where high linearity and
high power is required. This combination makes the device
an excellent candidate for next generation multi-carrier 3G
base stations using the DCS1800 frequency band.
Functional Diagram
Top View
Pin No.
Function
1
RF Output
2 / 4
Vcc
3 / 5
Vpd
6
RF Input
Case
Ground
Specifications
(1)
25 ºC, Vcc=12V, Vpd=5V, Icq=835mA, R7=0 , 50
unmatched fixture
Parameter
Units
Min
Typ
Max
Test Conditions
Operational Bandwidth
MHz
1705 – 1790
Test Frequency
MHz
1765
Adjacent Channel Power Ratio
dBc
-63.2
-61
CDMA2000 7fa 25 dBm Total Power, 885 kHz offset
Power Gain
dB
30.5
31.5
35.5
Pout = +25 dBm
Input Return Loss
dB
11
Output Return Loss
dB
5
Output P1dB
dBm
+36
Output IP3
dBm
+52
Pout = +23 dBm/tone, ∆f = 1 MHz
Operating Current
(2)
mA
790
850
940
Pout = +25 dBm
Quiescent Current, Icq
(2)
mA
780
835
920
Device Voltage, Vcc
V
+12
Device Voltage, Vpd
V
+5
Pull-down voltage: 0V = “OFF”, 5V=”ON”
Load Stability
VSWR
10:1
1. Test conditions unless otherwise noted: 25ºC.
2. The current can be adjusted through an external resistor from the 5V supply to the pull-down voltage pin (pin 3).
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-55 to +150 °C
RF Input Power (continuous)
with output terminated in 50
+15 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
AP504
DCS-band 4W HBT Amplifier Module
AP504-PCB
Fully-Assembled Evaluation Board
(Class AB configuration, Icq=835mA)
1
2
3
4
5
6


Similar Part No. - AP504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
AP504-PCB ETC1-AP504-PCB Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
Schneider Electric
AP50410 SCHNEIDER-AP50410 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 400A
Jun 3, 2020
AP5046 SCHNEIDER-AP5046 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 400A
Jun 3, 2020
AP504G10 SCHNEIDER-AP504G10 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 400A
Jun 3, 2020
More results

Similar Description - AP504

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
Tri-Band HBT Power Amplifier Module
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
WJ Communication. Inc.
AP501 WJCI-AP501 Datasheet
380Kb / 5P
PCS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
UMTS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
DCS-band 4W HBT Amplifier Module
AP512 WJCI-AP512 Datasheet
267Kb / 5P
UMTS-band 8W HBT Amplifier Module
AP513 WJCI-AP513 Datasheet
311Kb / 5P
DCS-band 8W HBT Amplifier Module
AP622 WJCI-AP622 Datasheet
190Kb / 4P
UMTS-band 4W HBT Amplifier Module
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420 Datasheet
562Kb / 8P
4W High Linearity InGaP HBT Amplifier
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
4W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com