Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP601 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AP601
Description  High Dynamic Range 1.8W 28V HBT Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP601 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AP601 Datasheet HTML 1Page - WJ Communication. Inc. AP601 Datasheet HTML 2Page - WJ Communication. Inc. AP601 Datasheet HTML 3Page - WJ Communication. Inc. AP601 Datasheet HTML 4Page - WJ Communication. Inc. AP601 Datasheet HTML 5Page - WJ Communication. Inc. AP601 Datasheet HTML 6Page - WJ Communication. Inc. AP601 Datasheet HTML 7Page - WJ Communication. Inc. AP601 Datasheet HTML 8Page - WJ Communication. Inc. AP601 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 10 May 2007 ver 1
AP601
High Dynamic Range 1.8W 28V HBT Amplifier
869-960 Application Circuit (AP601-PCB900)
Typical WCDMA Performance at 25
°C
at a channel power of +24 dBm
Frequency (MHz)
880
940
Units
W-CDMA Ch. Power
+24
+24
dBm
Power Gain
16.5
15.8
dB
Input Return Loss
8.9
14
dB
Output Return Loss
15
7.5
dB
ACLR
-50
-50
dBc
IMD3 @ +24 dBm PEP
-51
-51
dBc
Operating Current, Icc
54
52
mA
Collector Efficiency
16.6
17
%
Output P1dB
+32.5 +32.5 dBm
Quiescent Current, Icq
40
mA
Vpd, Vbias
+5
V
Vcc
+28
V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C1 is at 0.710” (29.1
° @ 940 MHz) from the center of C24.
4. The center of C24 is placed at 0.285” (11.7
°@ 940 MHz) from the edge of the AP601 (U1).
5. The center of C26 is placed at 0.055” (2.3
° @ 940 MHz) from the edge of the AP601 (U1).
6. The center of L4 is at 0.095” (3.9
° @ 940 MHz) from the center of C26.
7. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
8. The main RF trace is cut at components L3 and L4 for this particular reference design.
869-960 MHz Application Circuit Performance Plots
Gain vs. Frequency
Vcc = 28V, Icq = 40 mA, 25 ˚C
13
14
15
16
17
18
0.8
0.84
0.88
0.92
0.96
1
Frequency (GHz)
S11, S22 vs. Frequency
Vcc = 28V, Icq = 40 mA, 25 ˚C
-25
-20
-15
-10
-5
0
0.8
0.85
0.9
0.95
1
1.05
1.1
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 40 mA, 25 ˚C
0
10
20
30
40
50
60
17
21
25
29
33
Output Power (dBm)
920 MHz
940 MHz
960 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 40 mA, 25 ˚C
-60
-55
-50
-45
-40
16
18
20
22
24
26
Average Output Power (dBm)
869 MHz
920 MHz
880 MHz
940 MHz
894 MHz
960 MHz
WCDMA 3GPP Test Model 1+64DPCH,
60% clipping, PAR = 8.6 dB @ 0.01%
IMD vs. Output Power
CW 2-tone signal, 940 MHz, ∆f = 1 MHz, 28V, 40 mA Icq, 25 ˚C
-70
-60
-50
-40
20
22
24
26
28
30
Output Power, PEP (dBm)
IMD3L
IMD3U
IMD5
ACPR vs. Output Power vs. Frequency
IS-95A, 9 Ch. Fwd, 940 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
-70
-60
-50
-40
17
19
21
23
25
27
Average Output Power (dBm)
Unconditionally stable circuit version of this application circuit is available for download off of the website at: http://www.wj.com
C24
1.8pF
See note 4
C26
0.5pF
See note 5
5.1 Ohm
3.3pF
See note 3
C7
1000pF
15nH
See note 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com