Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLS101N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLS101N
Description  Programmable logic arrays 16 횞 48 횞 8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS101N Datasheet(HTML) 2 Page - NXP Semiconductors

  PLS101N Datasheet HTML 1Page - NXP Semiconductors PLS101N Datasheet HTML 2Page - NXP Semiconductors PLS101N Datasheet HTML 3Page - NXP Semiconductors PLS101N Datasheet HTML 4Page - NXP Semiconductors PLS101N Datasheet HTML 5Page - NXP Semiconductors PLS101N Datasheet HTML 6Page - NXP Semiconductors PLS101N Datasheet HTML 7Page - NXP Semiconductors PLS101N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS100/PLS101
Programmable logic arrays
(16
× 48 × 8)
October 22, 1993
50
LOGIC DIAGRAM
NOTES:
1.
All AND gate inputs with a blown link float to a logic “1”.
2.
All OR gate inputs with a blown fuse float to logic “0”.
3.
Programmable connection.
(LOGIC TERMS–P)
9
8
7
6
5
4
3
2
10
11
12
13
15
16
17
18
I0
I1
I2
I3
I4
I5
I6
I7
F0
F1
F2
F3
F4
F5
F6
F7
47
40 39
32 31
24 23
16
S0
S1
S2
S3
S4
S5
S6
S7
X0
X1
X2
X3
X4
X5
X6
X7
8 7
0
27
26
25
24
23
22
21
20
I8
I9
I10
I11
I12
I13
I14
I15
19
CE
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com