Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLS153N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PLS153N
Description  Programmable logic arrays 18 횞 42 횞 10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS153N Datasheet(HTML) 7 Page - NXP Semiconductors

  PLS153N Datasheet HTML 1Page - NXP Semiconductors PLS153N Datasheet HTML 2Page - NXP Semiconductors PLS153N Datasheet HTML 3Page - NXP Semiconductors PLS153N Datasheet HTML 4Page - NXP Semiconductors PLS153N Datasheet HTML 5Page - NXP Semiconductors PLS153N Datasheet HTML 6Page - NXP Semiconductors PLS153N Datasheet HTML 7Page - NXP Semiconductors PLS153N Datasheet HTML 8Page - NXP Semiconductors PLS153N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS153/A
Programmable logic arrays
(18
× 42 × 10)
October 22, 1993
7
OR ARRAY – (B)
CODE
INACTIVE
A
CODE
Pn STATUS
ACTIVE1
•
P
S
Pn STATUS
P
S
SP00282
NOTES:
1. This is the initial unprogrammed state of
all links.
2. Any gate Pn will be unconditionally inhibited
if both the True and Complement of an input
(either I or B) are left intact.
VIRGIN STATE
A factory shipped virgin device contains all
fusible links intact, such that:
1. All outputs are at “H” polarity.
2. All Pn terms are disabled.
3. All Pn terms are active on all outputs.
CAUTION: PLS153A TEST
COLUMNS
The PLS153A incorporates two columns not
shown in the logic block diagram. These
columns are used for in-house testing of the
device in the unprogrammed state. These
columns must be disabled prior to using the
PLS153A in your application. If you are using
a Philips Semiconductors-approved
programmer, the disabling is accomplished
during the device programming sequence. If
these columns are not disabled, abnormal
operation is possible.
Furthermore, because of these test columns,
the PLS153A cannot be programmed using
the programmer algorithm for the PLS153.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com