Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMXSS0013 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAMXSS0013
Description  Low Cost MMIC Mixer 1400 - 2100 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXSS0013 Datasheet(HTML) 4 Page - Tyco Electronics

  MAMXSS0013 Datasheet HTML 1Page - Tyco Electronics MAMXSS0013 Datasheet HTML 2Page - Tyco Electronics MAMXSS0013 Datasheet HTML 3Page - Tyco Electronics MAMXSS0013 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Cost MMIC Mixer
1400 - 2100 MHz
MAMXSS0013
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
4
RoHS
Compliant
Typical Performance Curves
VSWR
Conversion Loss (Up/Down)
Two-Tone IMR
Two-Tone IMR
Test Conditions for Down Converter Application: RF = 1850 MHz (-10 dBm), IF = 140 MHz, LO = 1710 MHz (+5 dBm).
Test Conditions for Up Converter Application: LO = 1710 MHz (+5 dBm), IF = 140 MHz (-10 dBm), RF = 1850 MHz.
Test Conditions for Wide-Band Application: RF = -10 dBm, IF = 140 MHz, LO = +11 dBm, LO Port resistively matched. Lower LO
drive operation is available for narrow band performance using external reactive matching. The 3 dB IF bandwidth is 500 MHz. IF
frequencies above 200 MHz can be optimized for low conversion loss by using external matching components.
7
8
9
10
1700
1800
1900
2000
RF Frequency (MHz)
0
10
20
30
40
1700
1800
1900
2000
LO TO IF
LO TO RF
RF TO IF
RF Frequency (MHz)
Wide-Band Performance Curves
Isolation
1.0
2.0
3.0
4.0
5.0
1700
1800
1900
2000
LO
RF
RF Frequency (MHz)
40
50
60
70
80
1700
1800
1900
2000
RF Frequency (MHz)
40
50
60
70
80
1400
1575
1750
1925
2100
Frequency (MHz)
7
8
9
10
1400
1575
1750
1925
2100
RF Frequency (MHz)
Conversion Loss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com