Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-005100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW-005100
Description  Monolithic PIN SP5T Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-005100 Datasheet(HTML) 2 Page - Tyco Electronics

  MASW-005100 Datasheet HTML 1Page - Tyco Electronics MASW-005100 Datasheet HTML 2Page - Tyco Electronics MASW-005100 Datasheet HTML 3Page - Tyco Electronics MASW-005100 Datasheet HTML 4Page - Tyco Electronics MASW-005100 Datasheet HTML 5Page - Tyco Electronics MASW-005100 Datasheet HTML 6Page - Tyco Electronics MASW-005100 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SP5T Monolithic Pin Diode Switch
MASW-
005100-1194
Rev 1
2
TYPICAL DRIVER CONNECTIONS
CONTROL LEVEL ( DC CURRENT )
CONDITION OF RF OUTPUT
J2
J3
J4
J5
J6
J2-J1
J3-J1
J4-J1
J5-J1
J6-J1
-20 mA
+20 mA
+20 mA
+20 mA
+20 mA
Low Loss
Isolation
Isolation
Isolation
Isolation
+20 mA
-20 mA
+20 mA
+20 mA
+20 mA
Isolation
Low Loss
Isolation
Isolation
Isolation
+20 mA
+20 mA
-20 mA
+20 mA
+20 mA
Isolation
Isolation
Low Loss
Isolation
Isolation
+20 mA
+20 mA
+20 mA
-20 mA
+20 mA
Isolation
Isolation
Isolation
Low Loss
Isolation
+20 mA
+20 mA
+20 mA
+20 mA
-20 mA
Isolation
Isolation
Isolation
Isolation
Low Loss
Electrical Specifications @ TAMB = 25°C, ± 20 mA bias current
(on-wafer measurements)
RF SPECIFICATIONS
PARAMETER
FREQUENCY
MIN
TYP
MAX
UNITS
INSERTION LOSS
20GHz
0.9
1.4
dB
ISOLATION
20GHz
28
38
dB
INPUT RETURN LOSS
20GHz
22
dB
OUTPUT RETURN LOSS
20GHz
23
dB
SWITCHING SPEED
10GHz
1
50
nS
Note:
1.) Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a
TTL compatible driver. Driver output parallel RC network uses a capacitor between 390pF - 560pF
and a resistor between 150Ω - 220Ω to achieve 50ns rise and fall times.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com