Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3908CSSS Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 28Page - Texas Instruments ADC3908CSSS Datasheet HTML 29Page - Texas Instruments ADC3908CSSS Datasheet HTML 30Page - Texas Instruments ADC3908CSSS Datasheet HTML 31Page - Texas Instruments ADC3908CSSS Datasheet HTML 32Page - Texas Instruments ADC3908CSSS Datasheet HTML 33Page - Texas Instruments ADC3908CSSS Datasheet HTML 34Page - Texas Instruments ADC3908CSSS Datasheet HTML 35Page - Texas Instruments ADC3908CSSS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
ADC
ADC
Parallel
Interface
INAP
INAM
INBP
INBM
180°
OE
DCLK
DCLK
#10 DOUT
CLK
Figure 6-2. Block Diagram of Interleaving Mode
6.3.2 Analog Input
The analog inputs of ADC3910Dx and ADC3910Sx supports differential and single-ended configuration, with
support for AC coupling and DC coupling. Analog inputs are designed for an input common mode voltage of
1.25V which must be provided externally on each input pin. DC-coupled input signals must have a common
mode voltage that meets the device input common mode voltage range.
The ADC3910Dx and ADC3910Sx has buffered analog inputs which eases design by isolating the input from the
ADC sampling operation.
6.3.2.1 Single Ended Input
The ADC3910Dx and ADC3910Sx can be configured to operate in single ended mode using just the positive
signal input. This operating mode must be enabled via SPI write to register 0x30B. The single ended signal is
connected to the positive input of the ADC and negative input needs to be biased to VCM as shown in Figure
6-3.
V
CM
INxP
INxM
0.475V
-0.475V
0V
0.475V
-0.475V
V
CM
R
V
CM
INxP
INxM
V
CM
Figure 6-3. Single ended analog input: AC coupled (left) and DC coupled (right)
6.3.2.2 Differential Input
The ADC3910Dx and ADC3910Sx by default is configured to operate in differential mode with a swing of 1.9
Vpp as shown in Figure 6-4.
+
V
CM
+
INxP
INxM
V
CM
INxP
INxM
V
CM
R
R
Figure 6-4. Differential analog input: AC coupled (left) and DC coupled (right)
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com