Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCDF1065G1 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PCDF1065G1
Description  Silicon Carbide Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PCDF1065G1 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PCDF1065G1 Datasheet HTML 1Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 2Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 3Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 4Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PCDF1065G1
November 21,2023
PCDF1065G1-REV.00
Page 2
Electrical Characteristics (TC = 25
o
C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Forward Voltage Drop
VF
IF = 10 A, TJ = 25 oC
-
1.5
1.7
V
IF = 10 A, TJ = 175 oC
-
1.8
-
Reverse Leakage Current
IR
VR = 650 V, TJ = 25 oC
-
3
70
μA
VR = 650 V, TJ = 175 oC
-
0.03
-
mA
Total Capacitive Charge
QC
IF = 10 A, VR = 400V
-
22.4
-
nC
Total Capacitance
C
VR = 1V, f = 1MHz
-
380
-
pF
VR = 200V, f = 1MHz
-
46
-
pF
VR = 400V, f = 1MHz
-
35
-
pF
Capacitance Stored Energy
EC
VR = 400V
-
3.65
-
μJ
Thermal Resistance
RθJC
-
1.44
-
oC/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com