Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0129TR Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWSS0129TR
Description  GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0129TR Datasheet(HTML) 4 Page - Tyco Electronics

  MASWSS0129TR Datasheet HTML 1Page - Tyco Electronics MASWSS0129TR Datasheet HTML 2Page - Tyco Electronics MASWSS0129TR Datasheet HTML 3Page - Tyco Electronics MASWSS0129TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
MASWSS0129
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
4
RoHS
Compliant
Typical Performance Curves, 8 pF Blocking Caps
Lead-Free 3 mm 12-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
0.0
0.5
1.0
1.5
2.0
23
456
-30°C
+25°C
+85°C
Frequency (GHz)
25
30
35
40
45
50
23456
-30°C
+25°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
2
3456
-30°C
+25°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
2
3
456
-30°C
+25°C
+85°C
Frequency (GHz)
Insertion Loss
Isolation
Antenna Ports Return Loss
Tx/Rx Ports Return Loss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com