Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0148 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0148
Description  GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0148 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0148 Datasheet HTML 1Page - Tyco Electronics MASWSS0148 Datasheet HTML 2Page - Tyco Electronics MASWSS0148 Datasheet HTML 3Page - Tyco Electronics MASWSS0148 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPST High Isolation Terminated Switch
0.3 - 4.0 GHz
MASWSS0148
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VDD = 5 V, VCTRL = 0 / 5 V, 100 pF capacitors, Z0 = 50 Ω
5
5. For positive voltage control, external DC blocking capacitors are required on all RF ports.
6. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 300 MHz - 1 GHz, 39 pF for 0.5 GHz - 4 GHz.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss6
0.3 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
dB
dB
dB
dB
1.5
1.6
1.7
1.75
1.7
Isolation
1.0 GHz
2.0 GHz
3.0 GHz
4.0 GHz
dB
dB
dB
dB
50
55
55
48
40
Return Loss
Insertion Loss State, 0.3 - 4.0 GHz
dB
17
Input 1 dB Compression
dBm
27
Trise, Tfall
10% to 90% RF
90% to 10% RF
µS
µS
3
0.3
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
µS
µS
3.5
0.4
Transients
In-Band
mV
20
Input IP2
2-Tone, 5 MHz spacing, +10 dBm / tone
dBm
72
Input IP3
2-Tone, 5 MHz spacing, +10 dBm / tone
dBm
49
Current (ICTRL)
Input Power = 10 dBm
µA
1
6
Input Return Loss
Isolation State
dB
20
Current (IDD)
Input Power = 10 dBm
µA
1
6
Truth Table 7,8
7. Differential voltage, V(state 1) - V(state 0), must be
+2.5 V minimum and must not exceed 8.5 V.
8. 0 = 0 V ± 0.2 V, 1 = VDD = 2.5 V to 8.5 V
VCTRL
RFin
RFout
0
50 Ω Termination
Open
1
RFout
RFin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com