Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0169 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0169
Description  GaAs High Isolation Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0169 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0169 Datasheet HTML 1Page - Tyco Electronics MASWSS0169 Datasheet HTML 2Page - Tyco Electronics MASWSS0169 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs High Isolation Switch
DC - 3.0 GHz
MASWSS0169
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VC = 0 / 3 V, Z0 = 50Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
500 MHz - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
0.55
0.65
0.80
0.65
Isolation
500 MHz - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
45
47
33
VSWR
0.25 - 3.0 GHz
Ratio
1.2:1
P1dB
500 MHz - 2.0 GHz, VC = 3 V
dBm
20
P1dB
500 MHz - 2.0 GHz, VC = 5 V
dBm
28
IP2
2 Tone, 900 MHz, 5 MHz Spacing, VC = 3 V
dBm
85
IP3
2 Tone, 900 MHz, 5 MHz Spacing, VC = 3 V
dBm
50
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
20
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
10
Transients
In-band
mV
15
Control Current
|VC| = 3.0 V
µA
5
20
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free MSOP-10
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com