Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML2502 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML2502
Description  SOT-23 Plastic-Encapsulate MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML2502 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML2502 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2502 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2502 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2502 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-23 Plastic-Encapsulate MOSFETS
N-Channel 20-V(D-S) MOSFET
FEATURE
TrenchFET Power MOSFET
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
4.2
Continuous Source-Drain Current(Diode Conduction)
IS
0.6
A
Power Dissipation
PD
1.25
W
Thermal Resistance from Junction to Ambient (t≤5s)
RθJA
3
12.5
℃/W
Operating Junction
TJ
150
Storage Temperature
TSTG
-55 ~+150
℃
MARKING
Equivalent Circuit
SOT-23
1. GATE
2. SOURCE
3. DRAIN
V(BR)DSS
RDS(on)MAX
ID
20 V
 
45mΩ@4.5V 
4.2A
mΩ@2.5V 
 
IRLML2502
80
IRLML2502
IRLML2502
IRLML2502
Rev:2023A2
Rev:2023A2
1
1G


Similar Part No. - IRLML2502

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502 IRF-IRLML2502 Datasheet
126Kb / 9P
HEXFET Power MOSFET
logo
Guangdong Kexin Industr...
IRLML2502 KEXIN-IRLML2502 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
Shenzhen Tuofeng Semico...
IRLML2502 TUOFENG-IRLML2502 Datasheet
2Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
logo
Infineon Technologies A...
IRLML2502 INFINEON-IRLML2502 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
logo
Guangdong Youtai Semico...
IRLML2502 UMW-IRLML2502 Datasheet
784Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
More results

Similar Description - IRLML2502

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETs
logo
Microdiode Semiconducto...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com