Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBO08-40G Datasheet(PDF) 1 Page - STMicroelectronics

Part # RBO08-40G
Description  REVERSED BATTERY AND OVERVOLTAGE PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO08-40G Datasheet(HTML) 1 Page - STMicroelectronics

  RBO08-40G Datasheet HTML 1Page - STMicroelectronics RBO08-40G Datasheet HTML 2Page - STMicroelectronics RBO08-40G Datasheet HTML 3Page - STMicroelectronics RBO08-40G Datasheet HTML 4Page - STMicroelectronics RBO08-40G Datasheet HTML 5Page - STMicroelectronics RBO08-40G Datasheet HTML 6Page - STMicroelectronics RBO08-40G Datasheet HTML 7Page - STMicroelectronics RBO08-40G Datasheet HTML 8Page - STMicroelectronics RBO08-40G Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
RBO08-40G/T
®
REVERSED BATTERY AND
OVERVOLTAGE PROTECTION
October 2003 - Ed: 3
Application Specific Discretes
A.S.D.™
D
2PAK
RBO08-40G
TO220-AB
RBO08-40T
TM : TRANSIL and ASD are trademarks of STMicroelectronics.
s
8A DIODE TO GUARD AGAINST BATTERY
REVERSAL.
s
NEGATIVE
OVERVOLTAGE
PROTECTION
BY CLAMPING.
s
COMPLIANT WITH ISO/DTR 7637 STANDARD
FOR PULSES 1, 2, 3a and 3b.
s
SUITABLE FOR AUTOPROTECTED ALTER-
NATOR ENVIRONMENT.
s
BREAKDOWN VOLTAGE : 24 V min.
s
CLAMPING VOLTAGE:±40V max.
s
MONOLITHIC STRUCTURE FOR GREATER
RELIABILITY.
FEATURES
Designed to protect against battery reversal and
overvoltages in automotive applications, this
monolithic component offers multiple functions in
the same package :
D1 : reversed battery protection
T1
: clamping against negative overvoltages
T2
: Transil function for overvoltage protection.
DESCRIPTION
FUNCTIONAL DIAGRAM
1
2
3


Similar Part No. - RBO08-40G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO08-40G STMICROELECTRONICS-RBO08-40G Datasheet
154Kb / 14P
REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
Jan-1998
More results

Similar Description - RBO08-40G

ManufacturerPart #DatasheetDescription
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
Overvoltage Protection
logo
STMicroelectronics
RBO40 STMICROELECTRONICS-RBO40 Datasheet
267Kb / 10P
REVERSED BATTERY AND OVERVOLTAGE PROTECTION
Sep-2003
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
STMicroelectronics
SPT01-335DEE STMICROELECTRONICS-SPT01-335DEE Datasheet
494Kb / 16P
Automation sensor transient and overvoltage protection
03-May-2013
logo
ON Semiconductor
NCP372 ONSEMI-NCP372_10 Datasheet
230Kb / 12P
Positive and Negative Overvoltage Protection Controller
October, 2010 ??Rev. 1
logo
Unisonic Technologies
LM39102G-S08-R UTC-LM39102G-S08-R Datasheet
165Kb / 5P
Reversed-battery protection
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
Overvoltage protection
10-Dec-2007
logo
ON Semiconductor
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
logo
Maxim Integrated Produc...
MAX4919B MAXIM-MAX4919B Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com