Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG040B-PCB Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECG040B-PCB
Description  InGaP HBT Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG040B-PCB Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECG040B-PCB Datasheet HTML 1Page - WJ Communication. Inc. ECG040B-PCB Datasheet HTML 2Page - WJ Communication. Inc. ECG040B-PCB Datasheet HTML 3Page - WJ Communication. Inc. ECG040B-PCB Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4 April 2007
ECG040
InGaP HBT Gain Block
Typical Device RF Performance
Supply Bias = +6 V, Rbias = 16 Ω
Ω
, Icc = 70 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
S21
dB
16.2
16.0
15.8
15.3
15.1
14.8
13.9
S11
dB
-23
-24
-24
-23
-21
-20
-17
S22
dB
-32
-27
-23
-16
-16
-15
-11
Output P1dB
dBm
+18.4
+18.5
+18
+18
+18
+18
+17.5
Output IP3
dBm
+35.6
+35.5
+35
+33.2
+32.9
+32.4
Noise Figure
dB
4.6
4.7
4.9
5.1
5.3
5.4
1. Test conditions: T = 25 ºC, Supply Voltage = +6 V, Device Voltage = 4.8 V, Rbias = 16 Ω, Icc = 70 mA typical, 50 Ω System.
2. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gain
8
10
12
14
16
18
0
1
2
3
4
5
6
Frequency (GHz)
Return Loss
-40
-30
-20
-10
0
0
1
2
3
4
5
6
Frequency (GHz)
S 11
S 22
Icc vs. Vcc
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
Vcc(V)
25°C
OIP3 vs. Frequency
20
25
30
35
40
500
1000
1500
2000
2500
3000
Frequency(MHz)
25°C
85°C
-40°C
NoiseFigure vs. Frequency
2
3
4
5
6
500
1000
1500
2000
Frequency(MHz)
P1dBvs. Frequency
12
14
16
18
20
22
24
500
1000
1500
2000
2500
3000
Frequency(MHz)
25°C
85°C
-40°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com