Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-231-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-231-PIN
Description  Matched GaAs SPDT Switch, 5 - 4000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-231-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-231-PIN Datasheet HTML 1Page - Tyco Electronics SW-231-PIN Datasheet HTML 2Page - Tyco Electronics SW-231-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.&())**))
#
$ %//0-'&1./*'' + ,%//0-'&1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
*
'
+
% ,--.!
/0-.!
#
!
1
2
3
4
2
4 5
3
A
1 /''' ?<
1 *''' ?<
1 0''' ?<
1 1'' ?<
4
4
4
4
A
A
A
A
A
A
A
A
* &
0 1
0 *
0 0
25: ;
A
1 /''' ?<
1 *''' ?<
1 0''' ?<
1 1'' ?<
;
;
;
;
A
A
A
A
A
A
A
A
* (%0
0 -%0
0 1%0
0 /%0
A
1 /''' ?<
1 *''' ?<
1 0''' ?<
1 1'' ?<
4
4
4
4
**
(.
1'
)'
A
A
A
A
A
A
A
A
$
!$
$
!$
$
1'B
$3
-'0'B ;+
"
A
A
A
5
5
2
A
A
A
.
*'
.'
A
A
A
0 4
8
1'' /''' ?<
1' ?<
4
4
A
A
C*.
C*0
A
A
8*
+
C0( 4
1'' /''' ?<
1' ?<
4
4
A
A
C)&
C)'
A
A
8(
+
C0( 4
1'' /''' ?<
1' ?<
4
4
A
A
C/)
C/'
A
A
4
8
C127
D ''.
$
A
A
A
0
0
"
C127
1'
;+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com