Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWD-109PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # SWD-109PIN
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SWD-109PIN Datasheet(HTML) 1 Page - Tyco Electronics

  SWD-109PIN Datasheet HTML 1Page - Tyco Electronics SWD-109PIN Datasheet HTML 2Page - Tyco Electronics SWD-109PIN Datasheet HTML 3Page - Tyco Electronics SWD-109PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single Driver for GaAs FET Switches and Attenuators
SWD-109
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
1
Features
• High Speed CMOS Technology
• Single Channel
• Positive Voltage Control
• Low Power Dissipation
• Low Cost Plastic SO-8 Package
Description
The SWD-109 is a single channel driver used to
translate TTL control inputs into gate control
voltages for GaAs FET microwave switches and
attenuators. High speed analog CMOS technology
is utilized to achieve low power dissipation at
moderate to high speeds, encompassing most
microwave switching applications. The output HIGH
level is optionally 0 to +2.0V (relative to GND) to
optimize the intermodulation products of the control
devices at low frequencies.
Functional Schematic
Ordering Information
Part Number
Package
SWD-109 PIN
Bulk Packaging
SWD-109TR
1000 piece reel
Note: Reference Application Note M513 for reel size
information.
Pin No.
Function
Pin No.
Function
1
Output A
5
Vee
2
GND
6
Vopt
3
Vcc
7
GND
4
C1, Logic
8
Output B
Pin Configuration
Truth Table
Input
C1
A
B
Logic “0”
VEE
VOPT
Logic “1”
VOPT
VEE
Outputs


Similar Part No. - SWD-109PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SWD-109-PIN MA-COM-SWD-109-PIN Datasheet
84Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
SWD-109TR MA-COM-SWD-109TR Datasheet
84Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
More results

Similar Description - SWD-109PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
Single Driver for GaAs FET Switches and Attenuators
SWD-109-PIN MA-COM-SWD-109-PIN Datasheet
84Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
logo
Clare, Inc.
MX856 CLARE-MX856 Datasheet
189Kb / 7P
Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005_15 Datasheet
563Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com