Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL32TM10TN Datasheet(PDF) 7 Page - SPANSION

Part # MBM29PL32TM10TN
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM10TN Datasheet(HTML) 7 Page - SPANSION

Back Button MBM29PL32TM10TN Datasheet HTML 3Page - SPANSION MBM29PL32TM10TN Datasheet HTML 4Page - SPANSION MBM29PL32TM10TN Datasheet HTML 5Page - SPANSION MBM29PL32TM10TN Datasheet HTML 6Page - SPANSION MBM29PL32TM10TN Datasheet HTML 7Page - SPANSION MBM29PL32TM10TN Datasheet HTML 8Page - SPANSION MBM29PL32TM10TN Datasheet HTML 9Page - SPANSION MBM29PL32TM10TN Datasheet HTML 10Page - SPANSION MBM29PL32TM10TN Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
MBM29PL32TM/BM90/10
7
s DEVICE BUS OPERATION
MBM29PL32TM/BM User Bus Operations (Word Mode : BYTE = VIH)
Legend : L = VIL, H = VIH, X = VIL or VIH. See “s ELECTRICAL CHARACTERISTICS 1. DC Characteristics” for
voltage levels.
Hi-Z = High-Z, VID = 11.5 V to 12.5 V
*1 : Manufacturer and device codes may also be accessed via a command register write sequence.
See “Sector Group Protection Verify Autoselect Codes”.
*2 : Refer to “Sector Group Protection” in s FUNCTIONAL DESCRIPTION.
*3 : DIN or DOUT as required by command sequence, data pulling, or sector protect algorithm
*4 : If WP/ACC = VIL, the outermost two sectors remain protected.
If WP/ACC = VIH, the outermost two sectors will be protected or unprotected as determined by the method
specified in “Sector Group Protection” in s FUNCTIONAL DESCRIPTION.
Operation
CE
OE WE
A0
A1
A2
A3
A6
A9
DQ0 to
DQ15
RESET
WP/
ACC
Standby
H
X
X
X
X
X
X
X
X
Hi-Z
H
X
Autoselect Manufacture Code*1
LL
H
LLLLL
VID
Code
H
X
Autoselect Device Code*1
LL
H
H
LLLL
VID
Code
H
X
Read
L
L
H
A0
A1
A2
A3
A6
A9
DOUT
HX
Output Disable
L
H
H
X
X
X
X
X
X
Hi-Z
H
X
Write (Program/Erase)
L
H
L
A0
A1
A2
A3
A6
A9
*3
H
*4
Enable Sector Group Protection*2
LHL
L
HL
L
L
X
*3
VID
H
Temporary Sector Group
Unprotection
XXXXXXXXX
*3
VID
H
Reset (Hardware)
X
X
X
X
X
X
X
X
X
Hi-Z
L
X
Sector Write Protection
X
X
X
X
X
X
X
X
X
X
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com