Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL32TM90PBT Datasheet(PDF) 21 Page - SPANSION

Part # MBM29PL32TM90PBT
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90PBT Datasheet(HTML) 21 Page - SPANSION

Back Button MBM29PL32TM90PBT Datasheet HTML 17Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 18Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 19Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 20Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 21Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 22Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 23Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 24Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
MBM29PL32TM/BM90/10
21
(Continued)
A6 to A0
DQ15 to DQ0
Description
35h
36h
37h
38h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0033h
Minor version number, ASCII
45h
0008h
Address Sensitive Unlock
Required
46h
0002h
Erase Suspend
(02h = To Read & Write)
47h
0004h
Number of sectors in per group
48h
0001h
Sector Temporary Unprotection
(01h = Supported)
49h
0004h
Sector Protection Algorithm
4Ah
0000h
Dual Operation
(00h = Not Supported)
4Bh
0000h
Burst Mode Type
(00h = Not Supported)
4Ch
0001h
Page Mode Type
(01h = 4-Word Page Supported)
4Dh
00B5h
VACC (Acceleration) Supply Minimum
DQ7 to DQ4: 1 V/bit,
DQ3 to DQ0: 100 mV/bit
4Eh
00C5h
VACC (Acceleration) Supply Maximum
DQ7 to DQ4: 1 V/bit,
DQ3 to DQ0: 100 mV/bit
4Fh
00XXh
CFI Write Protect
(02h = Bottom Boot Device with WP Protect
03h = Top Boot Device with WP Protect)
50h
01h
Program Suspend
(01h = Supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com