Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG025 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # VG025
Description  High Linearity Variable Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG025 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  VG025_06 Datasheet HTML 1Page - WJ Communication. Inc. VG025_06 Datasheet HTML 2Page - WJ Communication. Inc. VG025_06 Datasheet HTML 3Page - WJ Communication. Inc. VG025_06 Datasheet HTML 4Page - WJ Communication. Inc. VG025_06 Datasheet HTML 5Page - WJ Communication. Inc. VG025_06 Datasheet HTML 6Page - WJ Communication. Inc. VG025_06 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 4 of 7
September 2006
VG025
High Linearity Variable Gain Amplifier
Product Information
The Communications Edge
TM
800 MHz Circuit Performance (VG025-PCB800)
S21 vs. Frequency
Vctrl=0V (Maximum Gain Setting)
10
12
14
16
18
20
700
800
900
1000
Frequency (MHz)
-40 °C
+25 °C
+85 °C
S11 vs. Frequency
Vctrl=0V (Maximum Gain Setting)
-25
-20
-15
-10
-5
0
5
700
800
900
1000
Frequency (MHz)
-40 °C
+25 °C
+85 °C
S22 vs. Frequency
Vctrl=0V (Maximum Gain Setting)
-25
-20
-15
-10
-5
0
700
800
900
1000
Frequency (MHz)
-40 °C
+25 °C
+85 °C
S21 vs. Frequency vs. Control Voltage
-15
-10
-5
0
5
10
15
20
700
800
900
1000
Frequency (MHz)
Vctrl=0.00V
Vctrl=0.78V
Vctrl=1.10V
Vctrl=1.73V
Vctrl=4.50V
S11 vs. Frequency vs. Control Voltage
-30
-25
-20
-15
-10
-5
0
700
800
900
1000
Frequency (MHz)
Vctrl=0.00V
Vctrl=0.78V
Vctrl=1.10V
Vctrl=1.73V
Vctrl=4.50V
S22 vs. Frequency vs. Control Voltage
-30
-25
-20
-15
-10
-5
0
700
800
900
1000
Frequency (MHz)
Vctrl=0.00V
Vctrl=0.78V
Vctrl=1.10V
Vctrl=1.73V
Vctrl=4.50V
P1dB vs. Frequency
Vctrl=0V (Minimum attenuation)
16
18
20
22
24
26
700
800
900
1000
Frequency (MHz)
-40 °C
+25 °C
+85 °C
Phase change vs. Attenuation
25 °C, 800 MHz
0
20
40
60
80
0
4
8
12
16
20
Attenuation (dB)
Noise Figure vs. Frequency
Vctrl=0V (Maximum Gain Setting)
1
2
3
4
5
6
700
800
900
1000
Frequency (MHz)
-40 °C
+25 °C
+85 °C
OIP3 vs. Attenuation Setting
frequency = 800, 801 MHz, +5 dBm/tone, +25 °C
25
30
35
40
45
0
2
4
6
8
10
Attenuation (dB)
OIP3 vs. Output Power
frequency = 800, 801 MHz, 0dB Atten.
25
30
35
40
45
-4
0
4
8
12
16
Output Power (dBm)
+25 °C
-40 °C
+85 °C
IMD products vs. Output Power
fundamental frequency = 800, 801 MHz; +25 °C, 0dB Atten
-100
-80
-60
-40
-4
0
4
8
12
16
Output Power (dBm)
IMD_Low
IMD_High
Gain vs. Pin 8 Attn. Control Current
25 °C, 800 MHz
-8
-4
0
4
8
12
16
0
5
10
15
20
25
Pin 8 Attenuation Control Current (mA)
Normalized Gain vs. Vctrl
25 °C, 800 MHz
-24
-20
-16
-12
-8
-4
0
0
1
2
3
4
5
Vctrl (V)
Ictrl vs. Vctrl
25 °C
0
5
10
15
20
25
30
0
1
2
3
4
5
Vctrl (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com