Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE33284AS Datasheet(PDF) 2 Page - NEC

Part # NE33284AS
Description  SUPER LOW NOISE HJ FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33284AS Datasheet(HTML) 2 Page - NEC

  NE33284AS Datasheet HTML 1Page - NEC NE33284AS Datasheet HTML 2Page - NEC NE33284AS Datasheet HTML 3Page - NEC NE33284AS Datasheet HTML 4Page - NEC NE33284AS Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TRANSCONDUCTANCE vs. DRAIN CURRENT
VDS = 2.0 V
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
280
PIN
RF Input (CW)
dBm
15
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
PT
Total Power Dissipation
mW
165
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Note:
1.Operation in excess of any one of these conditions may result in
permanent damage.
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Drain Current, IDS (mA)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
Drain to Source Voltage, VDS (V)
Drain Current, IDS (mA)
TYPICAL NOISE PARAMETERS (TA = 25°C)
VDS = 2 V, IDS = 10 mA
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1
0.29
21.3
0.85
28
0.48
2
0.31
18.3
0.82
40
0.27
4
0.35
15.0
0.74
62
0.16
6
0.42
13.5
0.67
85
0.13
8
0.52
12.2
0.59
107
0.10
10
0.63
11.3
0.52
130
0.09
12
0.75
10.5
0.45
168
0.10
14
0.90
9.9
0.37
-146
0.14
16
1.05
9.3
0.30
-100
0.22
18
1.25
8.8
0.22
-54
0.34
NOISE FIGURE AND GAIN
vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
NE33284A
Infinite
Heat sink
0
25
50
75
100
125
150
175
200
300
250
200
150
100
50
0
Free Air
120
100
80
60
40
20
0
0
10
20
304050
50
40
30
20
10
0
0
0.5
-0.1 V
-0.2 V
-0.3 V
-0.4 V
-0.5 V
1
1.5
2
2.5
3
VGS = 0 V
0
5
10
15
20
25
30
35
40
2
1.6
1.2
0.8
0.4
0
16
14
12
10
8
6
GA
NF
Tuned @ 10 mA only
Tuned @ 10 mA only
Tuned @ each IDS
Tuned @ each IDS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com