Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7301 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7301
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7301 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7301 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7301 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7301 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7301 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7301 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7301 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7301 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
0.044
V/°C Reference to 25°C, ID = 1mA
40
VGS = 4.5 V, ID = 2.6A ƒ
50
VGS = 2.7 V, ID = 2.2A ƒ
VGS(th)
Gate Threshold Voltage
0.70
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
8.3
S
VDS = 15V, ID = 2.6A
1.0
VDS = 16V, VGS = 0V
25
VDS = 16V, VGS = 0V, TJ = 125 °C
Gate-to-Source Forward Leakage
100
VGS = 12V
Gate-to-Source Reverse Leakage
-100
VGS = - 12V
Qg
Total Gate Charge
20
ID = 2.6A
Qgs
Gate-to-Source Charge
2.2
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
8.0
VGS = 4.5V, See Fig. 6 and 12 ƒ
td(on)
Turn-On Delay Time
9.0
VDD = 10V
tr
Rise Time
42
ID = 2.6A
td(off)
Turn-Off Delay Time
32
RG = 6.0Ω
tf
Fall Time
51
RD = 3.8Ω, See Fig. 10 ƒ
Between lead tip
and center of die contact
Ciss
Input Capacitance
660
VGS = 0V
Coss
Output Capacitance
280
pF
VDS = 15V
Crss
Reverse Transfer Capacitance
140
ƒ = 1.0MHz, See Fig. 5
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
1.0
V
TJ = 25°C, IS = 1.8A, VGS = 0V ƒ
trr
Reverse Recovery Time
29
44
ns
TJ = 25°C, IF = 2.6A
Qrr
Reverse RecoveryCharge
22
33
nC
di/dt = 100A/µs ƒ
ton
Forward Turn-On Time
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ 2.6A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
21
2.5
A
S
D
G
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
6.0
LD
Internal Drain Inductance
4.0
nH
ns
nA
µA
RDS(ON)
Static Drain-to-Source On-Resistance
mΩ
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
„ Surface mounted on FR-4 board, t ≤ 10sec.
Rev:2023A2
2
IRF7301



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com