Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7303 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7303
Description  Dual N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7303 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7303 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
l
l
l
l
l
Description
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 10V
5.3
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
4.9
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
3.9
IDM
Pulsed Drain Current 
20
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
62.5
°C/W
l
IRF7303
Rev:2023A2
1
D1
D1
D2
D2
G1
S2
G2
S1
8
1
2
3
4
5
6
7
SOP-8
Generation VTechnology
Ultra Low On-Resistance
Dual N-Channel MOSFET
Surface Mount
Dynamic dv/dt Rating
Fast Switching
Lead-Free
VDS (V) = 30V
ID = 5.3 A
RDS(ON)
50m
(VGS = -10V)
RDS(ON)
80m (VGS = -4.5V)
Features
l
l
l
l
The SOP-8 has been modied through a customizec
leadframe for enhanced thermal characteristics and
multiple die capability making it ideal in a variety of
power applications.
With these improvements. multiple devices can be
used in an application with dramatically reduced board
space.
The package is designed for vapor phase. intra red. or
wave soldering techniques. Power dissipation of gre-
ater than 0.8W is possible in a typical PCB mount app-
lication.


Similar Part No. - IRF7303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
IRF7303 IRF-IRF7303 Datasheet
113Kb / 9P
Generation V Technology
logo
Kersemi Electronic Co.,...
IRF7303 KERSEMI-IRF7303 Datasheet
780Kb / 9P
Generation V Technology
logo
Guangdong Youtai Semico...
IRF7303 UMW-IRF7303 Datasheet
446Kb / 8P
Dual N-Channel MOSFET
logo
International Rectifier
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
More results

Similar Description - IRF7303

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com