Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7341 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7341
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7341 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7341 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
0.059
V/°C Reference to 25°C, ID = 1mA
30
VGS = 10V, ID = 4.7A
„
45
VGS = 4.5V, ID = 3.8A
„
VGS(th)
Gate Threshold Voltage
1.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
7.9
S
VDS = 10V, ID = 4.5A
2.0
VDS = 55V, VGS = 0V
25
VDS = 55V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
-100
VGS = -20V
Gate-to-Source Reverse Leakage
100
VGS = 20V
Qg
Total Gate Charge
24
36
ID = 4.5A
Qgs
Gate-to-Source Charge
2.3
3.4
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
7.0
10
VGS = 10V, See Fig. 10
„
td(on)
Turn-On Delay Time
8.3
12
VDD = 28V
tr
Rise Time
3.2
4.8
ID = 1.0A
td(off)
Turn-Off Delay Time
32
48
RG = 6.0Ω
tf
Fall Time
13
20
RD = 16Ω,
„
Ciss
Input Capacitance
740
VGS = 0V
Coss
Output Capacitance
190
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
71
ƒ = 1.0MHz, See Fig. 9
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
StaticDrain-to-SourceOn-Resistance
IDSS
Drain-to-SourceLeakageCurrent
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
1.2
V
TJ = 25°C, IS = 2.0A, VGS = 0V
ƒ
trr
Reverse Recovery Time
60
90
ns
TJ = 25°C, IF = 2.0A
Qrr
Reverse RecoveryCharge
120
170
nC
di/dt = -100A/µs
ƒ
Source-Drain Ratings and Characteristics
38
2.0
A
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 4.7A, di/dt ≤ 220A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 6.5mH
RG = 25Ω, IAS = 4.7A. (See Figure 8)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… When mounted on 1 inch square copper board, t<10 sec
S
D
G
m
Rev:2023A2
2
IRF7341



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com