Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPA00002-25F. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PPA00002-25F.
Description  HEAVY DUTY CPU/PDU POWER CORD C-14 TO C13, 15AMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PPA00002-25F. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PPA00002-25F. Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
.47 12
.59 15
.67 17
.08 2
(3x)
.16 4
(3x)
.55 14
.16 4
.63 16
.95 24
.71 18
.21 5.3
.10 2.6
.55 14
.16 4
.91 23
.62 16
NOTES:
1. VOLTAGE RATING: AC > 1500V/S
2. CONNECTOR C13 POWER RATING: 15A UL-E257089
3. CONNECTOR C14 POWER RATING: 15A UL-E257089
4. CABLE: SJT 14AWGx3, 300V, 105°C VW-1 E313867 FT1
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH SPEC. PS-0031
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
SJT 14AWGx3 105°C
PVC, BLACK
C14
C13
INSULATION
JACKET
CONDUCTOR
(3x)
WHITE
GREEN
BLACK
PART NUMBER
LENGTH
FEET
LENGTH
METERS
PPA00002-01F
1
.30
PPA00002-02F
2
.61
PPA00002-03F
3
.91
PPA00002-06F
6
1.83
PPA00002-08F
8
2.44
PPA00002-12F
12
3.66
PPA00002-25F
25
7.62
LENGTH
.47 12
.59 15
.67 17
.08 2
(3x)
.16 4
(3x)
.55 14
.16 4
.63 16
.95 24
.71 18
.21 5.3
.10 2.6
.55 14
.16 4
.91 23
.62 16
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
PPA00002
A
PPA00002.SLDDRW
1
1
DFRISIELLO
10/22/2018
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
BGATES
10/22/2018
11/12/2018
A
REV A DRAWING RELEASED
BPUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
HEAVY DUTY CPU/PDU POWER CORD
C-14 TO C13, 15AMP
POWER PRODUCTS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
BPUCHASKI
COLOR VARIATIONS
MAY OCCUR
10/22/2018
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - PPA00002-25F.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPA00005 ETC-PPA00005 Datasheet
319Kb / 1P
HIGH TEMPURATURE POWER CORD C-14 TO C15, 15AMP
10/29/2018
PPA00005-01F ETC-PPA00005-01F Datasheet
319Kb / 1P
HIGH TEMPURATURE POWER CORD C-14 TO C15, 15AMP
10/29/2018
PPA00005-02F ETC-PPA00005-02F Datasheet
319Kb / 1P
HIGH TEMPURATURE POWER CORD C-14 TO C15, 15AMP
10/29/2018
PPA00005-03F ETC-PPA00005-03F Datasheet
319Kb / 1P
HIGH TEMPURATURE POWER CORD C-14 TO C15, 15AMP
10/29/2018
PPA00005-06F ETC-PPA00005-06F Datasheet
319Kb / 1P
HIGH TEMPURATURE POWER CORD C-14 TO C15, 15AMP
10/29/2018
More results

Similar Description - PPA00002-25F.

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P032007 TRIPPLITE-P032007 Datasheet
484Kb / 2P
Heavy-Duty Power Cord for PDU, 15A, 12AWG (IEC-320- C13 to IEC-320-C20), 7-ft
P005-002-ABL TRIPPLITE-P005-002-ABL Datasheet
177Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 2 ft., Blue
P005-003 TRIPPLITE-P005-003 Datasheet
162Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 3 ft., Black
P005-003-AOR TRIPPLITE-P005-003-AOR Datasheet
178Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 3 ft., Orange
P005-006-14LA TRIPPLITE-P005-006-14LA Datasheet
161Kb / 3P
C13 to Left-Angle C14 PDU-Style Power Extension Cord, Heavy Duty - 15A, 100??50V, 14 AWG, 6 ft., Black
P005-006-14RA TRIPPLITE-P005-006-14RA Datasheet
160Kb / 3P
C13 to Right-Angle C14 PDU-Style Power Extension Cord, Heavy Duty - 15A, 100??50V, 14 AWG, 6 ft., Black
P005-010-14LA TRIPPLITE-P005-010-14LA Datasheet
161Kb / 3P
C13 to Left-Angle C14 PDU-Style Power Extension Cord, Heavy Duty - 15A, 100??50V, 14 AWG, 10 ft., Black
P005-010-14RA TRIPPLITE-P005-010-14RA Datasheet
161Kb / 3P
C13 to Right-Angle C14 PDU-Style Power Extension Cord, Heavy Duty - 15A, 100??50V, 14 AWG, 10 ft., Black
P005-18N TRIPPLITE-P005-18N Datasheet
162Kb / 3P
Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 1.5 ft., Black
P005-006-RD TRIPPLITE-P005-006-RD Datasheet
165Kb / 2P
Heavy Duty PDU Power Cord, C13 to C14 - 15A, 250V, 14 AWG, 6 ft., Red Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com