Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMLL4148 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMLL4148
Description  High-speed diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL4148 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMLL4148 Datasheet HTML 1Page - NXP Semiconductors PMLL4148 Datasheet HTML 2Page - NXP Semiconductors PMLL4148 Datasheet HTML 3Page - NXP Semiconductors PMLL4148 Datasheet HTML 4Page - NXP Semiconductors PMLL4148 Datasheet HTML 5Page - NXP Semiconductors PMLL4148 Datasheet HTML 6Page - NXP Semiconductors PMLL4148 Datasheet HTML 7Page - NXP Semiconductors PMLL4148 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 May 27
5
Philips Semiconductors
Product specification
High-speed diodes
PMLL4148; PMLL4448
Fig.5
Reverse current as a function of junction
temperature.
handbook, halfpage
0
100
Tj (
oC)
200
103
102
10−1
10−2
10
(1)
(2)
1
IR
(
µA)
MGD006
(3)
(1) VR = 75 V; maximum values.
(2) VR = 75 V; typical values.
(3) VR = 20 V; typical values.
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
010
20
1.2
1.0
0.6
0.4
0.8
MGD004
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com