Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMLL5228B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMLL5228B
Description  Voltage regulator diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL5228B Datasheet(HTML) 6 Page - NXP Semiconductors

  PMLL5228B Datasheet HTML 1Page - NXP Semiconductors PMLL5228B Datasheet HTML 2Page - NXP Semiconductors PMLL5228B Datasheet HTML 3Page - NXP Semiconductors PMLL5228B Datasheet HTML 4Page - NXP Semiconductors PMLL5228B Datasheet HTML 5Page - NXP Semiconductors PMLL5228B Datasheet HTML 6Page - NXP Semiconductors PMLL5228B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1996 Apr 26
6
Philips Semiconductors
Product specification
Voltage regulator diodes
PMLL5225B to PMLL5267B
GRAPHICAL DATA
Fig.2 Thermal resistance from junction to ambient as a function of pulse duration.
handbook, full pagewidth
10−1
110
102
103
104
105
MBG930
102
10
1
103
tp (ms)
tp
tp
T
T
δ =
0.02
0.01
≤0.001
0.75
0.50
0.33
0.20
0.10
0.05
δ = 1
Rth j-a
(K/W)
Fig.3
Maximum permissible non-repetitive
peak reverse power dissipation
versus duration.
(1) Tj =25 °C (prior to surge).
(2) Tj = 150 °C (prior to surge).
handbook, halfpage
MBG801
103
1
duration (ms)
PZSM
(W)
10
102
10−1
10
1
(1)
(2)
Fig.4
Forward current as a function of forward
voltage; typical values.
Tj =25 °C.
handbook, halfpage
0.5
1.0
250
0
MBG803
125
0.75
VF (V)
IF
(mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com