Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMSS3906 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMSS3906
Description  PNP switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMSS3906 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMSS3906 Datasheet HTML 1Page - NXP Semiconductors PMSS3906 Datasheet HTML 2Page - NXP Semiconductors PMSS3906 Datasheet HTML 3Page - NXP Semiconductors PMSS3906 Datasheet HTML 4Page - NXP Semiconductors PMSS3906 Datasheet HTML 5Page - NXP Semiconductors PMSS3906 Datasheet HTML 6Page - NXP Semiconductors PMSS3906 Datasheet HTML 7Page - NXP Semiconductors PMSS3906 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 22
4
Philips Semiconductors
Product specification
PNP switching transistor
PMSS3906
Fig.2 Test circuit for switching times.
handbook, full pagewidth
RC
R2
R1
DUT
MGD624
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
Vi
VCC
Vi = −5 V; T = 500 µs; tp =10 µs; tr =tf ≤ 3 ns.
R1 = 56
Ω; R2 = 2.5 kΩ; RB = 3.9 kΩ; RC = 270 Ω.
VBB = 1.9 V; VCC =3V.
Oscilloscope input impedance Zi =50 Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com