Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMST6429 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMST6429
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMST6429 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMST6429 Datasheet HTML 1Page - NXP Semiconductors PMST6429 Datasheet HTML 2Page - NXP Semiconductors PMST6429 Datasheet HTML 3Page - NXP Semiconductors PMST6429 Datasheet HTML 4Page - NXP Semiconductors PMST6429 Datasheet HTML 5Page - NXP Semiconductors PMST6429 Datasheet HTML 6Page - NXP Semiconductors PMST6429 Datasheet HTML 7Page - NXP Semiconductors PMST6429 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 22
3
Philips Semiconductors
Product specification
NPN general purpose transistors
PMST6428; PMST6429
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb ≤ 25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
−
10
nA
IE = 0; VCB =30V; Tj = 150 °C
−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−
10
nA
hFE
DC current gain
VCE =5V
PMST6428
IC = 0.01 mA
250
−
IC = 0.1 mA
250
650
IC = 1 mA
250
−
IC = 10 mA
250
−
DC current gain
VCE =5V
PMST6429
IC = 0.01 mA
500
−
IC = 0.1 mA
500
1250
IC = 1 mA
500
−
IC = 10 mA
500
−
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA; note 1
−
200
mV
IC = 100 mA; IB = 5 mA; note 1
−
600
mV
VBE
base-emitter voltage
IC = 1 mA; VCE = 5 V
560
660
mV
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−
3pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
12
pF
fT
transition frequency
IC = 1 mA; VCE = 5 V; f = 100 MHz
100
700
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com