Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB4030 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MBRB4030
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB4030 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MBRB4030 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB4030 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBRB4030 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISS5024HG
eq MBRB4030
Schottky Barrier Rectifier
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Maximum Instantaneous
Forward Voltage
IF=20A ; Tj=25℃
--
--
0.46
V
IF=20A ; Tj= 150℃
--
--
0.34
IF=80A ; Tj= 25℃
--
--
0.55
IF=80A ; Tj= 150℃
--
--
0.45
IR
Maximum Instantaneous
Reverse Current
VR= VRWM;Tj= 25℃
35
uA
VR= VRWM;Tj= 125℃
150
mA
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com