Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8345 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 56F8345
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8345 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  56F8345 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
56F8345 Technical Data, Rev. 17
Freescale Semiconductor
3
Preliminary
Rev 15.0
Updated JTAG ID in Section 6.5.4. Added information/corrected state during reset in
Table 2-2. Clarified external reference crystal frequency for PLL in Table 10-14 by increasing
maximum value to 8.4MHz.
Rev 16.0
Replaced “Tri-stated” with an explanation in State During Reset column in Table 2-2.
Rev. 17
• Added the following note to the description of the TMS signal in Table 2-2:
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
• Added the following note to the description of the TRST signal in Table 2-2:
Note:
For normal operation, connect TRST directly to VSS. If the design is to be used in a
debugging environment, TRST may be tied to VSS through a 1K resistor.
Document Revision History (Continued)
Version History
Description of Change
Please see http://www.freescale.com for the most current data sheet revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com