Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8365 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8365
Description  16-bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8365 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8365 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8365 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
Program Map
56F8365 Technical Data, Rev. 7
Freescale Semiconductor
39
Preliminary
After reset, the OMR MA bit can be changed and will have an effect on the P-space memory map, as shown
in Table 4-3. Changing the OMR MB bit will have no effect.
Table 4-4 shows the memory map options of the 56F8365/56F8165. The two right columns cannot be
used, since the EMI pins are not provided in the package; therefore, only the Mode 0 column is relevant.
Note: Program RAM is NOT available on the 56F8165 device.
1
1
Mode 1 – External Boot; Flash Memory is not secured; EMI configuration is
determined by the state of the EMI_MODE pin
1. Information in shaded areas not applicable to 56F8365/56F8165.
2. This bit is only configured at reset. If the Flash secured state changes, this will not be reflected in MB until the next reset.
3. Changing MB in software will not affect Flash memory security.
Table 4-3 Changing OMR MA Value During Normal Operation
OMR MA
Chip Operating Mode
0
Use internal P-space memory map configuration
11
1. Setting this bit can cause unpredictable results and is not recommended, since the EMI is not functional in this package.
Use external P-space memory map configuration – If MB = 0 at reset, changing this bit has no effect.
Table 4-2 OMR MB/MA Value at Reset1 (Continued)
OMR MB =
Flash Secured
State2,3
OMR MA =
EXTBOOT Pin
Chip Operating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com