Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 184 page
background image
56F8366 Technical Data, Rev. 6
122
Freescale Semiconductor
Preliminary
6.5.6.1
Reserved —Bit 15
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.6.2
PWMA1—Bit 14
This bit controls the pull-up resistors on the FAULTA3 pin.
6.5.6.3
CAN—Bit 13
This bit controls the pull-up resistors on the CAN_RX pin.
6.5.6.4
EMI_MODE—Bit 12
This bit controls the pull-up resistors on the EMI_MODE pin.
6.5.6.5
RESET—Bit 11
This bit controls the pull-up resistors on the RESET pin.
6.5.6.6
IRQ—Bit 10
This bit controls the pull-up resistors on the IRQA and IRQB pins.
6.5.6.7
XBOOT—Bit 9
This bit controls the pull-up resistors on the EXTBOOT pin.
Note:
In this package, this input pin is double-bonded with the adjacent VSS pin and this bit should be
changed to a 1 in order to reduce power consumption.
6.5.6.8
PWMB—Bit 8
This bit controls the pull-up resistors on the FAULTB0, FAULTB1, FAULTB2, and FAULTB3 pins.
6.5.6.9
PWMA0—Bit 7
This bit controls the pull-up resistors on the FAULTA0, FAULTA1, and FAULTA2 pins.
6.5.6.10 Reserved—Bit 6
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.6.11 CTRL—Bit 5
This bit controls the pull-up resistors on the WR and RD pins.
6.5.6.12 Reserved—Bit 4
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.6.13 JTAG—Bit 3
This bit controls the pull-up resistors on the TRST, TMS and TDI pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com