Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 126Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 128Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 129Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 184 page
background image
56F8366 Technical Data, Rev. 6
126
Freescale Semiconductor
Preliminary
Two Input/Output pins associated with GPIOD can function as GPIO, EMI (default peripheral) or CAN2
(NOT available in the 56F8166 device) signals. GPIO is the default and is enabled/disabled via the
GPIOD_PER, as shown in Figure 6-11 and Table 6-3. When GPIOD[1:0] are programmed to operate as
peripheral input/output, then the choice between EMI and CAN2 inputs/outputs is made here in the GPS.
Figure 6-11 Overall Control of GPIOD Pads Using SIM_GPS Control
Note: CAN2 is NOT available in the 56F8166 device.
Table 6-3 Control of GPIOD Pads Using SIM_GPS Control 1
1. This applies to the two pins that serve as EMI CSn / CAN2 / GPIOD functions. A separate set of control
bits is used for each pin.
Pin Function
Control Registers
Comments
GPIO Input
0
0
—
GPIO Output
0
1
—
EMI I/O
1
—
0
EMI CSn pins are always outputs
CAN2
1
—
1
CAN2_TX is always an output
CAN2_RX is always an input
GPIOD_PER Register
GPIO Controlled
I/O Pad Control
SIM_ GPS Register
EMI Controlled
CAN2 Controlled
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com