Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 184 page
background image
56F8366 Technical Data, Rev. 6
156
Freescale Semiconductor
Preliminary
10.9 Reset, Stop, Wait, Mode Select, and Interrupt Timing
Figure 10-5 Asynchronous Reset Timing
Table 10-17 Reset, Stop, Wait, Mode Select, and Interrupt Timing1,2
1. In the formulas, T = clock cycle. For an operating frequency of 60MHz, T = 16.67ns. At 8MHz (used during Reset and Stop
modes), T = 125ns.
2. Parameters listed are guaranteed by design.
Characteristic
Symbol
Typical
Min
Typical
Max
Unit
See Figure
RESET Assertion to Address, Data and Control
Signals High Impedance
tRAZ
—21
ns
10-5
Minimum RESET Assertion Duration
tRA
16T
—
ns
10-5
RESET Deassertion to First External Address Output3
3. During Power-On Reset, it is possible to use the device’s internal reset stretching circuitry to extend this period to 221T.
tRDA
63T
64T
ns
10-5
Edge-sensitive Interrupt Request Width
tIRW
1.5T
—
ns
10-6
IRQA, IRQB Assertion to External Data Memory
Access Out Valid, caused by first instruction execution
in the interrupt service routine
tIDM
18T
—
ns
10-7
tIDM - FAST
14T
—
IRQA, IRQB Assertion to General Purpose Output
Valid, caused by first instruction execution in the
interrupt service routine
tIG
18T
—
ns
10-7
tIG - FAST
14T
—
Delay from IRQA Assertion (exiting Wait) to External
Data Memory Access4
4. The minimum is specified for the duration of an edge-sensitive IRQA interrupt required to recover from the Stop state. This
is not the minimum required so that the IRQA interrupt is accepted.
tIRI
22T
—
ns
10-8
tIRI -FAST
18T
—
Delay from IRQA Assertion to External Data Memory
Access (exiting Stop)
tIF
22T
—
ns
10-9
tIF - FAST
18T
—
IRQA Width Assertion to Recover from Stop State5
5. The interrupt instruction fetch is visible on the pins only in Mode 3.
tIW
1.5T
—
ns
10-9
First Fetch
tRA
tRAZ
tRDA
A0–A15,
D0–D15
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com