Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 160Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 161Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 162Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 184 page
background image
Serial Peripheral Interface (SPI) Timing
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
159
Preliminary
Figure 10-10 SPI Master Timing (CPHA = 0)
Data invalid
Master
Slave
tDI
0
0
—
—
ns
ns
10-10, 10-11,
10-12
Rise time
Master
Slave
tR
—
—
11.5
10.0
ns
ns
10-10, 10-11,
10-12, 10-13
Fall time
Master
Slave
tF
—
—
9.7
9.0
ns
ns
10-10, 10-11,
10-12, 10-13
1. Parameters listed are guaranteed by design.
Table 10-18 SPI Timing1 (Continued)
Characteristic
Symbol
Min
Max
Unit
See Figure
SCLK (CPOL = 0)
(Output)
SCLK (CPOL = 1)
(Output)
MISO
(Input)
MOSI
(Output)
MSB in
Bits 14–1
LSB in
tF
tC
tCL
tCL
tR
tR
tF
tDS
tDH
tCH
tDI
tDV
tDI(ref)
tR
Master MSB out
Bits 14–1
Master LSB out
SS
(Input)
tCH
SS is held High on master
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com