Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 167Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 184 page
background image
56F8366 Package and Pin-Out Information
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
171
Preliminary
Table 11-1 56F8366 144-Pin LQFP Package Identification by Pin Number
Pin No.
Signal
Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1VDD_IO
37
VSS
73
FAULTA1
109
ANB5
2VPP238
VDD_IO
74
FAULTA2
110
ANB6
3
CLKO
39
PWMB3
75
D3
111
ANB7
4
TXD0
40
PWMB4
76
D4
112
EXTBOOT
5
RXD0
41
PWMB5
77
D5
113
ISA0
6
PHASEA1
42
TXD1
78
D6
114
ISA1
7
PHASEB1
43
RXD1
79
OCR_DIS
115
ISA2
8
INDEX1
44
WR
80
VDDA_OSC_PLL
116
TD0
9HOME1
45
RD
81
XTAL
117
TD1
10
A1
46
PS
82
EXTAL
118
TC0
11
A2
47
DS
83
VCAP3
119
VDD_IO
12
A3
48
GPIOD0
84
VDD_IO
120
TRST
13
A4
49
GPIOD1
85
RSTO
121
TCK
14
A5
50
ISB0
86
RESET
122
TMS
15
VCAP451
VCAP1
87
CLKMODE
123
TDI
16
VDD_IO
52
ISB1
88
ANA0
124
TDO
17
A6
53
ISB2
89
ANA1
125
VPP1
18
A7
54
IRQA
90
ANA2
126
CAN_TX
19
A8
55
IRQB
91
ANA3
127
CAN_RX
20
A9
56
FAULTB0
92
ANA4
128
VCAP2
21
A10
57
FAULTB1
93
ANA5
129
SS0
22
A11
58
FAULTB2
94
ANA6
130
SCLK0
23
A12
59
D0
95
ANA7
131
MISO0
24
A13
60
D1
96
TEMP_SENSE
132
MOSI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com