Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 178Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 184 page
background image
56F8166 Package and Pin-Out Information
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
175
Preliminary
26
A15
62
NC
98
VREFN
134
D12
27
VSS
63
VSS
99
VREFMID
135
D13
28
D7
64
NC
100
VREFP
136
D14
29
D8
65
NC
101
VREFH
137
D15
30
D9
66
VDD_IO
102
VDDA_ADC
138
A0
31
VDD_IO
67
NC
103
VSSA_ADC
139
PHASEA0
32
D10
68
NC
104
ANB0
140
PHASEB0
33
GPIOB0
69
VSS
105
ANB1
141
INDEX0
34
PWMB0
70
NC
106
ANB2
142
HOME0
35
PWMB1
71
NC
107
ANB3
143
EMI_MODE
36
PWMB2
72
D2
108
ANB4
144
VSS
Table 11-2 56F8166 144-Pin LQFP Package Identification by Pin Number (Continued)
Pin No.
Signal
Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com