Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR31100ABC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PR31100ABC
Description  Highly integrated embedded processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31100ABC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PR31100ABC Datasheet HTML 8Page - NXP Semiconductors PR31100ABC Datasheet HTML 9Page - NXP Semiconductors PR31100ABC Datasheet HTML 10Page - NXP Semiconductors PR31100ABC Datasheet HTML 11Page - NXP Semiconductors PR31100ABC Datasheet HTML 12Page - NXP Semiconductors PR31100ABC Datasheet HTML 13Page - NXP Semiconductors PR31100ABC Datasheet HTML 14Page - NXP Semiconductors PR31100ABC Datasheet HTML 15Page - NXP Semiconductors PR31100ABC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31100
Highly integrated embedded processor
1996 Aug 07
12
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VSS = 0V
SYMBOL
PARAMETER
LIMITS
UNIT
VDD
Power supply voltage
VSS – 0.5 to 4.5
V
VIN
Input voltage
VSS – 0.5 to VDD + 0.5
V
Tstg
Storage temperature range
–55 to +125
°C
Pd
Maximum dissipation (Tamb = 70°C)
1
W
RECOMMENDED OPERATING CONDITION
VSS = 0V
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Power supply voltage
3.0
3.3
3.6
V
VIN
Input voltage
VSS
–
VDD
V
Topr
Operating temperature range
0
–
70
°C
DC ELECTRICAL CHARACTERISTICS
Tamb = 0 to +70°C, VDD = 3.3 ± 0.3V.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Operating current
VIN = VDD or VSS; VDD = MAX
IOH = IOL = 0
–
110
TBD
mA
IDDS
Static current
VIN = VDD or VSS; VDD = MAX
IOH = IOL = 0
–
50
100
µA
IL
Input leakage current
VDD = MAX; VIH = VDD
VIL = VSS
–10
–
10
µA
VIH1
High level input voltage1
VDD = 3.6V
VDD × 0.8
–
VDD + 0.3
V
VIL1
Low level input voltage1
VDD = 3.0V
–0.3
–
VDD × 0.2
V
VIH2
High level input voltage2
VDD = 3.6V
2.4
–
VDD + 0.3
V
VIL2
Low level input voltage2
VDD = 3.0V
–0.3
–
0.6
V
VOH1
High level output voltage3
VDD = 3.0; IOH = –4mA
VDD – 0.6
–
–
V
VOL1
Low level output voltage3
VDD = 3.0; IOL = 4mA
–
–
VSS + 0.4
V
VOH2
High level output voltage4
VDD = 3.0; IOH = –8mA
VDD – 0.6
–
–
V
VOL2
Low level output voltage4
VDD = 3.0; IOL = 8mA
–
–
VSS + 0.4
V
VOH3
High level output voltage5
VDD = 3.0; IOH = –16mA
VDD – 0.6
–
–
V
VOL3
Low level output voltage5
VDD = 3.0; IOL = 16mA
–
–
VSS + 0.4
V
VOH4
High level output voltage6
VDD = 3.0; IOH = –24mA
VDD – 0.6
–
–
V
VOL4
Low level output voltage6
VDD = 3.0; IOL = 24mA
–
–
VSS + 0.4
V
IOZ
Off-state leakage current
VDD = MAX; VOH = VDD;
VOL = VSS
TBD
–
TBD
µA
NOTES:
1. SYSVLKIN
2. Other inputs
3. D[31:0], /RAS0, /RAS1, /DCS0, /DCKE, DQMH, DQML, /DREQ, /DGRNT, BC32K, VDAT[3:0], CP, LOAD, DF, FRAME, DISPON, VIDDONE,
PWRCS, TXD, RXD, /CS0
∼3, /MCS0∼3, CHIFS, CHICLK, CHIDOUT, CHIDIN, IO[6:0], SPICLK, SPIOUT, SPIIN, SIBSYNC, SIBOUT,
SIBMCLK, SIBCLK, RXPWR, IROUT, /CRAD1WAIT, /CARD2WAIT, MIOX[2:0]
4. A[12:], ALE, /RD, /WE /SAS0
∼3, /CARDREG, /IOWR, /CARD1CSL, /CARD1CSH, /CARD2CSL, /CARD2CSH
5. DCLKOUT
6. MBUSCLK, MBUSDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com