Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11P2BCFN4 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC68HC11P2BCFN4
Description  Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11P2BCFN4 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC68HC11P2BCFN4 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 268 page
background image
Parallel Input/Output
Port E
MC68HC11P2 — Rev 1.0
Technical Data
Parallel Input/Output
4.6.2 DDRD — Data direction register for port D
Bits [7:6] — Reserved; always read zero
DDD[5:0] — Data direction for port D
1 = The corresponding pin is configured as an output.
0 = The corresponding pin is configured as an input.
4.7 Port E
Port E is an 8-bit input-only port. In addition to their input capability, port
E pins are shared with A/D functions, as shown in the following table.
On reset the pins are configured as general purpose high-impedance
inputs.
Address bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Data direction D (DDRD)
$0009
0
0
DDD5 DDD4 DDD3 DDD2 DDD1 DDD0 0000 0000
Pin
Alternate
function
PE0
AD0
PE1
AD1
PE2
AD2
PE3
AD3
PE4
AD4
PE5
AD5
PE6
AD6
PE7
AD7
See Analog-to-Digital
Converter for more
information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com