Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKSDD-RJ45SF-44 Datasheet(PDF) 1 Page - Turck, Inc.

Part # FKSDD-RJ45SF-44
Description  Accessories for Fieldbus Systems Wall/panel feed-through
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FKSDD-RJ45SF-44 Datasheet(HTML) 1 Page - Turck, Inc.

  FKSDD-RJ45SF-44 Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 1
Accessories for Fieldbus Systems
Wall/panel feed-through
FKSDD RJ45SF 44
Type
FKSDD RJ45SF 44
ID
U3-00647
Connector A
Female, M12 × 1, Straight
Number of contacts
4
Contact carriers
Plastic, PA6, White
Housing material/finish
Brass
Mounting orientation
Rear mount
Mounting thread
M16 × 1.5
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP67, (plugged)
Connector B
Female, RJ45, Straight
Number of contacts
8
Protection class (When coupled)
IP20
Cable data
Fieldbus
Ethernet
Electrical properties at +20 °C
Rated voltage
42VV
Current
1.5AA
Mechanical and chemical properties
Ambient temperature range (static)
-40°C…+75°C°C
Note
- We reserve the right to make technical alterations
without prior notice.
■ For Industrial Ethernet
■ RJ45 on M12 x 1, 4-pin
■ Admissible wall thickness: 1.5…3 mm
■ Mounting thread: M16 x 1, 8-pin
■ D-coding
■ Voltage: 42 V
M12 × 1
Circuit Diagram


Similar Part No. - FKSDD-RJ45SF-44

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
FKS PANASONIC-FKS Datasheet
798Kb / 4P
Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
logo
FETek Technology Corp.
FKS0004 FETEK-FKS0004 Datasheet
562Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKS0014 FETEK-FKS0014 Datasheet
551Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKS0016 FETEK-FKS0016 Datasheet
620Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKS0026 FETEK-FKS0026 Datasheet
718Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKSDD-RJ45SF-44

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
Wall-Mount Bracket and Installation Accessories for select UPS Systems
logo
HARTING Technology Grou...
09-32-064-0001 HARTING-09-32-064-0001 Datasheet
525Kb / 2P
Han 64EEE panel feed through
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
ST-8ES1N8ACK04S - Panel feed-through
1618402 PHOENIX-1618402 Datasheet
581Kb / 12P
ST-3EP1N8ACK02S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618782 PHOENIX-1618782 Datasheet
583Kb / 12P
ST-6ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
1618772 PHOENIX-1618772 Datasheet
577Kb / 12P
ST-5ES1N8ACK02S - Panel feed-through
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com