Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33198 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33198 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33198
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33198 Pin Connections
Table 1. 33198 Pin Definitions
Pin Number
Pin Name
Formal Name
Definition
1
SRC
Source
Input to detect MOSFET/load status
2
DRN
Drain
Input to set overvoltage threshold
3
GND
Ground
Ground for the device
4
GATE
Gate
Output to control the gate of external MOSFET
5
VCC
VCC
Power for the device
6
STATUS
Status
Output signal for MOSFET status
7
INPUT
Input
Control input
8
TIMER
Timer
Inrush Current detection delay timer input
1
2
3
4
5
6
7
8
INPUT
STATUS
GND
TIMER
VCC
GATE
DRN
SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com