Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33199 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33199 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33199
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VCC from 4.5V to 5.5V, VS from 4.5V to 20V unless otherwise note. Typical values
reflect approximate mean at 25°C, nominal VCC and VS, at time of device characterization. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VCC PIN 1
VCC Supply Voltage Range
VCC
4.5
5.5
V
VCC Supply Current (6)
ICC
0.5
1.0
1.5
V
REF-IN-L PIN 2 AND REF-IN-K PIN 3
REF-IN-L & REF-IN-K Input Voltage Range:
for 0 <VS< VCC
for VCC <VS< 40V
VINREF
2.0
2.0
VCC -2.0
VS -1.0
V
REF-IN-L & REF-IN-K Inputs Currents
IVIN
-5.0
5.0
µΑ
LO PIN 4
LO open Collector Output
Low Level Voltage @ IOUT = 1mA
Low Level Voltage @ IOUT = 4mA
VOL
0.34
0.7
0.8
V
RXD PIN 5
Pull up resistor to VCC
RRXD
1.5
2.0
2.5
k
Ω
Low Level Voltage @ IOUT=1mA
VOL
0.3
0.7
V
TXD PIN 6
High Level Input Voltage
VIH
0.7VCC
2.8
V
Low Level Input Voltage
VIL
2.0
0.3VCC
V
Input Current @ 0<VS<40V
TXD at High Level
TXD at Low Level
IH
II
-200
-600
30
-100
µΑ
DIA INPUT / OUTPUT PIN 9
Low Level Output Voltage @ I = 30mA
VOL
0.0
0.35
0.8
V
Drive Current Limit
ILIM
40
120
mA
High Level Input Threshold Voltage
(REF-IN-K connected to REF-OUT)
VIH
VREF MIN
0.25V
VREF
0.325V
VREF MAX
0.4V
V
Low Level Input Threshold Voltage
(REF-IN-K connected to REF-OUT)
VIL
VREF MIN
-0.2V
VREF
-0.125V
VREF MAX
-0.05V
V
Input Hysteresis
VHYST
300
450
600
mV
Leakage Current
ILEAK
4.0
10
16
µΑ
Over temperature Shutdown
TLIM
155
°C
Notes
5.
Measured with TXD=Vcc, I1=Vs, DIA & L high, no load, REF-IN-L and REF-IN-K connected to REF-OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com