Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33399 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33399 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33399
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
As described below and depicted in Figure 10 and Table 5
on page 13, the 33399 has two operational modes, normal
and sleep, and one transitional mode, Awake.
NORMAL MODE
This is the normal transmitting and receiving mode. All
features are available.
SLEEP MODE
In this mode the transmission path is disabled and the
device is in low power mode. Supply current from VSUP is
20 µA typical. Wake-up can occur from LIN bus activity, as
well as from node internal wake-up through the EN pin and
the WAKE input pin.
DEVICE POWER-UP (AWAKE TRANSITIONAL
MODE)
At system power-up (VSUP rises from zero), the 33399
automatically switches into the “Awake” mode (refer to
Figure 10 below and Table 5 on page 13. It switches the INH
pin in HIGH state to VSUP level. The microcontroller of the
application then confirms the Normal mode by setting the EN
pin HIGH.
DEVICE WAKE-UP EVENTS
The device can be awakened from Sleep mode by three
wake-up events:
• LIN bus activity
• Internal node wake-up (EN pin)
• Wake-up from WAKE pin
Figures 7, 8, and 9 on page 9 show device application
circuit and detail of wake-up operations.
Wake-Up from LIN Bus (Awake Transitional Mode)
A wake-up from the LIN pin switching from recessive to
dominant state (switch from VSUP to GND) can occur. This is
achieved by a node sending a wake-up frame on the bus.
This condition internally wakes up the interface, which
switches the INH pin to a HIGH level to enable the voltage
regulator. The device switches into the Awake mode. The
microcontroller and the complete application power up. The
microcontroller must switch the EN pin to a HIGH level to
allow the device to leave the Awake mode and turn it into
Normal mode in order to allow communication on the bus.
Wake-Up from Internal Node Activity (Normal Mode)
The application can internally wake up. In this case the
microcontroller of the application sets the EN pin in the HIGH
state. The device switches into Normal mode.
Wake-Up from WAKE Pin (Awake Transitional Mode)
The application can wake up with the activation of an
external switch. Refer to Table 1, 8-SOICN Pin Definitions on
page 3.
Figure 10. Operational and Transitional Modes State Diagram
Power-Up/
Sleep
Awake
Normal
EN LOW
LIN Bus or WAKE Pin
EN HIGH
Wake-Up
EN HIGH (Local Wake-Up Event)
1.0 to 20
kbps
VPWR > 7.0 V
Note Refer to Table 5 for explanation.
VPWR < 7.0 V
VPWR < 7.0 V
VPWR < 7.0 V
Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com