Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33793 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface (DSI) Sensor Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33793
FUNCTIONAL DEVICE OPERATION
DSI COMMANDS AND RESPONSES
SET LOGIC OUT COMMAND
The Set Logic Out command sets the Logic Out pin to a
logic high. The compliment to this command is the Clear
Logic Out. The Logic Out is cleared at power-up or following
a Clear command. The format of the Clear Logic Out
command is shown in Table 25.
SET LOGIC OUT RESPONSE
This response message is sent during the next message
following a valid Set Logic Out command to the addressed
device. The response is shown in Table 26. No response is
generated if the command address field was $0.
REVERSE INITIALIZATION
The Reverse Initialization is similar to the Initialization
command and will only work under the condition that it has
not already been initialized. The command may be used
three ways. The first is to initialize a programmable address
device. The second is the first step in assigning a pre-
programmed address. The third is to initialize a pre-
programmed device.
For the first case this command is sent to address zero
with the NV bit set to zero. The command will be received by
the next daisy chain device with its bus switch open.
Reception of this command will assign the device address
and the group number. Reception of this command will also
cause the bus switch to close if BS = 1 and no fault is
detected.
For the second case the Initialization command is sent the
same as the first except that the NV bit is set to one.
Reception of the command will assign the device address
and the group number and cause the bus switch to close if BS
= 1 and there are no faults. A Read/Write NVM command
then may be sent to complete the setting of a pre-
programmed address.
A pre-programmed device must be initialized by putting its
address in both PA3:PA0 and A3:A0 fields.
Once a device has received a reverse initialization
command, it will ignore further reverse initialization
commands or initialization commands unless it has received
a Clear command or undergone a power-up reset.
The command format is found in Table 27.
Table 25. Set Logic Out Command Format
Data
Address
Command
CRC
-
-
-
-
-
-
-
-
A3
A2
A1
A0
1
1
0
1
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The address of the selected device.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 26. Set Logic Out Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
0
NV
U
LO
BS
IO3
IO2
IO1
IO0
X3
X2
X1
X0
Legend
A[3:0] - Address bits. The slave address.
BS = Bus Switch Position (1=closed)
IO[3:0] = Values at logic I/Os.
LO = Logic out driven level.
NV = Nonvolatile Memory Write. The value of the NV bit in the slave.
U = Undervoltage indicated true by a “1”.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.
Table 27. Reverse Initialization Command Format
Data
Address
Command
CRC
NV
BS
G1
G0
PA3
PA2
PA1
PA0
A3
A2
A1
A0
1
1
1
1
X3
X2
X1
X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com