Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2425U Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # SE2425U
Description  RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2425U Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  SE2425U Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2425U Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SE2425U
RangeCharger
TM 2.4 GHz Bluetooth Power Amplifier IC
Preliminary Information
165-DST-01 Rev 1.3 Apr-05-2006
Confidential
4 of 10
QA040506
AC Electrical Characteristics
Conditions: VEN = VCC0 = VCC1 = VCC2 = VCC3 = 3.3 V, VMODE = Low, PIN = -6 dBm, TC = 25
°C, f = 2.45 GHz, as
measured on SiGe Semiconductor’s SE2425U-EV1 evaluation board, unless otherwise noted
Standard Rate Mode
Symbol
Parameter
Min.
Typ.
Max.
Unit
fL-U
Frequency Range
2400
-
2500
MHz
POUT_MAX
Maximum Output Power (PIN = 0 dBm)
-
25
-
dBm
∆P
temp
Output Power variation over temperature
(-40
°C < TA <+85 °C)
-
0.5
-
dB
G
Gain @ PIN = -25 dBm
Gain @ PIN = -6 dBm
-
29.5
28.5
-
dB
GVAR
Gain Variation over band (2400-2500 MHz)
-
0.1
1.0
dB
2f
-
-40
-
3f
Harmonics
-
-41
-
dBc
IS11I
-
10
-
-
dB
IS21IOFF
Isolation in “OFF” State, VEN = 0 V
-
36
-
dB
IS12I
Reverse Isolation
-
42
-
dB
STAB
Stability (PIN = -6 dBm, Load VSWR = 4:1)
All non-harmonically related outputs less than
-50 dBc
Conditions: VEN = VCC0 = VCC1 = VCC2 = VCC3 = 3.3 V, VMODE = High, TC = 25
°C, f = 2.45 GHz, as measured on SiGe
Semiconductor’s SE2425U-EV1 evaluation board, unless otherwise noted.
Enhanced Rate Mode
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT_MAX
Output Power (Meets ACPR1/2 specification)
-
19.5
-
dBm
∆P
temp
Output Power variation over temperature
(-40
°C < TA < +85 °C) for PIN=-15 dBm
-
1.5
-
dB
G
Gain @ PIN = -25 dBm
-
30.5
-
dB
GVAR
Gain Variation over band, PIN = -25 dBm
-
0.1
-
dB
2 Mbps, π/4-DQPSK, FC ± 2 MHz, BW = 1 MHz
-
-
-20
dBm
ACPR1
3 Mbps, 8DPSK, FC ± 2 MHz, BW = 1 MHz
-
-
-20
dBm
2 Mbps, π/4-DQPSK, FC ± 3 MHz, BW = 1 MHz
-
-
-40
dBm
ACPR2
3 Mbps, 8DPSK, FC ± 3 MHz, BW = 1 MHz
-
-
-40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com