Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTC4001T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PTC4001T
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTC4001T Datasheet(HTML) 3 Page - NXP Semiconductors

  PTC4001T Datasheet HTML 1Page - NXP Semiconductors PTC4001T Datasheet HTML 2Page - NXP Semiconductors PTC4001T Datasheet HTML 3Page - NXP Semiconductors PTC4001T Datasheet HTML 4Page - NXP Semiconductors PTC4001T Datasheet HTML 5Page - NXP Semiconductors PTC4001T Datasheet HTML 6Page - NXP Semiconductors PTC4001T Datasheet HTML 7Page - NXP Semiconductors PTC4001T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Feb 18
3
Philips Semiconductors
Product specification
NPN microwave power transistor
PTC4001T
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. At 0.1 mm from case.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
40
V
VCEO
collector-emitter voltage
open base
−
16
V
VCER
collector-emitter voltage
RBE =70 Ω−
35
V
VEBO
emitter-base voltage
open collector
−
3V
IC
average collector current
−
0.25
A
Ptot
total power dissipation
Tmb =75 °C
−
4W
Tstg
storage temperature
−65
+200
°C
Tj
operating junction temperature
−
200
°C
Tsld
soldering temperature
t < 10 s; note 1
−
235
°C
Fig.2
Power derating curve as a function of
mounting base temperature.
handbook,
0
50
100
200
5
0
4
150
3
2
1
MGD975
Ptot max
(W)
Tmb (°C)
Fig.3 DC SOAR.
Tmb =75 °C.
(1) Region of permissible DC operation.
(2) Permissible extension provided RBE < 250 Ω.
handbook, halfpage
102
MGA028
10
1
1
10−1
10−2
VCE (V)
IC
(A)
0.08
0.22
16
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com