Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0956/P Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PX0956/P
Description  Plugs and Sockets
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0956/P Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PX0956/P Datasheet HTML 1Page - Elektron Components Ltd. PX0956/P Datasheet HTML 2Page - Elektron Components Ltd. PX0956/P Datasheet HTML 3Page - Elektron Components Ltd. PX0956/P Datasheet HTML 4Page - Elektron Components Ltd. PX0956/P Datasheet HTML 5Page - Elektron Components Ltd. PX0956/P Datasheet HTML 6Page - Elektron Components Ltd. PX0956/P Datasheet HTML 7Page - Elektron Components Ltd. PX0956/P Datasheet HTML 8Page - Elektron Components Ltd. PX0956/P Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
G
GEEN
NE
ER
RA
AL
L
P
PU
UR
RP
PO
OS
SE
E
www.bulgin.co.uk
Tel: 0181 594 5588
73
C
C
O
O
N
N
N
N
E
E
C
C
T
T
O
O
R
R
S
S
PX0635
PX0636
Data
List No.
Terminations:
Max. Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp. Range:
Mouldings:
Contacts:
Accessories:
Mates With:
Solder buckets.
3A. 50V a.c.
<10m
Ω.
>104 M
Ω.
Pole - Pole 2.1kV. Poles-Panel 10kV.
–20°C to +60°C.
Glass Filled Nylon.
Brass, Silver Plated.
P.No.9455 (see page 80).
PX0636
Solder tags.
3A. 50V a.c.
<10m
Ω.
>104 M
Ω.
Pole - Pole 2.1kV.
Poles - Accessible parts 1.5kV.
–20°C to +60°C.
Phenolic and Glass Filled Nylon.
Brass, Silver Plated.
PX0635
PX0635
PX0636
Plugs and Sockets (6 Pole)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com