Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXM2102
Description  Pressure Sensor Functional Package Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXM2102 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2102 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Learn More: For more information about Freescale products,
please visit www.freescale.com/sensors or
www.freescale.com/pressure
Freescale™ and the Freescale logo are trademarks of Freescale Semiconductor, Inc.
All other product or service names are the property of their respective owners.
© Freescale Semiconductor, Inc. 2008
KITMPXSHOWEVKFS /REV 0
The KITMPXSHOWEVK is conveniently
packaged in a padded, embossed plastic
case to allow customers to visualize and
sample the parts. All of the parts are
functional with pads connecting the necessary
device pins to the board edge. A simplified
pressure converter table is located on the
reverse side for quick reference.
Development Tool
Part Number
Description
Current Pricing
KITMPXSHOWEVK
Marketing tool that features functional
pressure sensor packages
$65
Freescale is a leading provider of acceleration,
pressure and proximity sensors and has offered
MEMS-based sensors for more than 25 years.
The sensor ICs complement Freescale’s
broad portfolio of ZigBee™ technology,
microcontrollers, microprocessors, digital signal
processors, analog ICs, and development tools
to offer system solutions to customers.
Suggested Pressure Sensor Products*
Part
Number
Packaging
Pressure
Rating
Maximum
(PSI)
Pressure
Rating
Maximum
(kPa)
Pressure
Rating
Maximum
(in H2O)
Pressure
Rating
Maximum
(cm H2O)
Pressure
Rating
Maximum
(mm Hg)
Full Scale
Span
(Typ) (Vdc)
Sensitivity
(mV/kPa)
Accuracy
0°C to 85°C
(% of VFSS)
MPXV7002
Small Outline Package
(SOP)
±0.3
±2
±8
±20
±15.2
4.5
1000
±2.5
MPXV5004
Small Outline Package
(SOP)
0.57
4
16
40
29
3.9
1000
±2.5
MPX12
Unibody Package
1.45
10
40
102
75
55
3.5
1.0
MPXM2010
MPak Package
1.45
10
40
102
75
25
2.5
-
MPX5050
Small Outline Package
(SOP) & Unibody Package
7.25
50
201
510
375
4.5
90
±2.5
MPXM2102
MPak Package
14.5
100
400
1020
750
40
0.4
-
MPX4115
Unibody Package
16.7
115
462
1174
863
4.6
46
±1.5
MPXH6115
Super-Small Outline
Package (SSOP)
16.7
115
462
1174
863
4.6
46
±1.5
MPX5700
Unibody Package
102
700
2810
7140
5250
4.5
6.0
±2.5
* Products in this table are not necessarily on the KITMPXSHOWEVK board, but represent some of the breadth of the Freescale Pressure Sensor product portfolio.



Html Pages

1 2