Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX4115 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX4115
Description  Pressure Sensor Functional Package Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4115 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX4115 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4115 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
Freescale Semiconductor’s pressure sensors
are designed for interfacing and monitoring
the atmosphere around you. To achieve this
functionality, customers need the most flexible
packaging options possible. In terms of
package options, Freescale's pressure sensors
feature unique size choices with or without
porting, a single or dual port, and the option
of axial or side porting.
To enhance your evaluation experience,
Freescale is offering a pressure sensor
package board, the KITMPXSHOWEVK as a
marketing tool that shows Freescale’s
most popular pressure sensor
package types mounted
to a PCB board.
Pressure Sensors
KITMPXSHOWEVK
Pressure Sensor Functional Package Board
The pressure sensors are functional and
include the following package configurations:
Unibody Package
• Basic element
• Dual port
Small Outline Package (SOP) devices
• Axial port
• Dual sided port
Super Small Outline Package (SSOP)
• Unported
MPAK Package
• Axial port
• Unported
Target Applications for Pressure Sensors
• Barometric and altimetric measurements
• Barometric absolute pressure (BAP)
• Manifold absolute pressure (MAP)
• Blood pressure monitors
• Dialysis and drug delivery systems
• Health care equipment
• Heating, ventilation and air conditioning
• Hospital and air mattresses
• Industrial control
• Motorcycle engines
• Patient monitoring systems
• Physical therapy equipment
• Remote monitoring devices
• Respiratory and spirometer
• Sports diagnostic systems
• Vacuum cleaners
• Appliance water-level measurement
• Weather forecasting stations
• Wound management


Similar Part No. - MPX4115

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4115 MOTOROLA-MPX4115 Datasheet
142Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output
MPX4115A MOTOROLA-MPX4115A Datasheet
142Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output
logo
Freescale Semiconductor...
MPX4115A FREESCALE-MPX4115A Datasheet
740Kb / 9P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
logo
Motorola, Inc
MPX4115AP MOTOROLA-MPX4115AP Datasheet
142Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output
logo
Freescale Semiconductor...
MPX4115AP FREESCALE-MPX4115AP Datasheet
740Kb / 9P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
More results

Similar Description - MPX4115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-005G ETC2-4426-005G Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
logo
TE Connectivity Ltd
13-43 TEC-13-43 Datasheet
151Kb / 5P
PC Board Mountable Pressure Sensor
1210 TEC-1210 Datasheet
211Kb / 7P
PC Board Mountable Pressure Sensor
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
PC Board Mountable Pressure Sensor
1230 TEC-1230 Datasheet
183Kb / 5P
PC Board Mountable Pressure Sensor
1240 TEC-1240 Datasheet
177Kb / 5P
PC Board Mountable Pressure Sensor
MS1451 TEC-MS1451 Datasheet
150Kb / 5P
PC Board Mountable Pressure Sensor
MS1471 TEC-MS1471 Datasheet
143Kb / 5P
PC Board Mountable Pressure Sensor
MS4425 TEC-MS4425 Datasheet
202Kb / 7P
PC Board Mountable Pressure Sensor
MS4426 TEC-MS4426 Datasheet
156Kb / 6P
PC Board Mountable Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com