Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG50GL22 Datasheet(PDF) 34 Page - Greenlee Communications

Part # CSG50GL22
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

CSG50GL22 Datasheet(HTML) 34 Page - Greenlee Communications

Back Button CSG50GL22 Datasheet HTML 30Page - Greenlee Communications CSG50GL22 Datasheet HTML 31Page - Greenlee Communications CSG50GL22 Datasheet HTML 32Page - Greenlee Communications CSG50GL22 Datasheet HTML 33Page - Greenlee Communications CSG50GL22 Datasheet HTML 34Page - Greenlee Communications CSG50GL22 Datasheet HTML 35Page - Greenlee Communications CSG50GL22 Datasheet HTML 36Page - Greenlee Communications CSG50GL22 Datasheet HTML 37Page - Greenlee Communications CSG50GL22 Datasheet HTML 38Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
174
CCX, EK22GL, CK22GL – COPPER COLOR-CODED LUGS AND SPLICES
CABLE SIZE
COLOR CODE
GREENLEE1
BURNDY2
T&B3
ILSCO2
HUSKIE2
PANDUIT2
BLACKBURN3
8 AWG
Red
K22-0
W8CVT
6TON21
CD-2001-8
BY15C
W8CRT
X8CRT
6 AWG
Blue
K22-1
W5CVT
6TON24
CD-2001-6
BY17C
W5CRT
X5CRT
X8CART
5 AWG
Blue
NA
W5CVT
W5CRT
X5CRT
4 AWG
Gray
K22-2
W4CVT
6TON29
CD-2001-4
BY19C
W4CRT
X4CRT
3 AWG
White
NA
W3CRT
2 AWG
Brown
K22-3
W2CVT
6TON33
CD-2001-2
BY21C
W2CRT
X2CRT
1 AWG
Green
K22-31
W1CVT
6TON37
CD-2001-1
BY53C
X1CRT-1
W1CRT-1
1/O AWG
Pink
K22-4
W25VT
6TON42
CD-2001-1/0
BY23C
W25RT
X25RT
2/O AWG
Black
K22-5
W26VT
6TON45
CD-2001-2/0
BY28C
W26RT
X26RT
3/O AWG
Orange
K22-6
W27VT
6TON50
CD-2001-3/0
BY25C
W27RT
X27RT
4/O AWG
Purple
K22-7
W28VT
6TON54
CD-2001-4/0
BY31C
W28RT
X28RT
250 kcmil (MCM)
Yellow
K22-8
W29VT
6TON62
CD-2001-250
BY27C
W29RT
X29RT
300 kcmil (MCM)
White
K22-9
W30VT
6TON66
CD-2001-300
BY35C
W30RT
350 kcmil (MCM)
Red
K22-10
W31VT
6TON71
CD-2001-350
BY37C
W31RT
400 kcmil (MCM)
Blue
K22-11
W32VT
6TON76
CD-2001-400
W32RT
500 kcmil (MCM)
Brown
K22-12
W34VT
6TON87
CD-2001-500
W34RT
600 kcmil (MCM)
Green
K22-13
Notes for 6-ton dies:
1 Can be used with 22 Series and CCX tools. Use UA22 die adapters with CCX. Use without adapters with 22 Series.
2 Can be used with 22 Series and CCX tools. Use UAW die adapters with CCX. Use with W die adapters with 22 Series.
3 Can be used with CCX tools only. Cannot be used with 22 Series tools. Use UAK die adapters with CCX.
Crimping Die Cross Reference
TOOL TYPE
GREENLEE
BURNDY
T & B
ILSCO
HUSKIE
PANDUIT
BLACKBURN
KEARNEY
PENN-UNION
EK22GL,
K22, KA22, KD6
W, X
—
ND
HT58
CD-2001
—
—
CK22GL
CCX
K221, KA221, KD62
W2,X2
6 TON3
ND2
HT3, HT582
CD-20012
BY3
O3
—
1230
“U” STYLE, KD12
U
15500 SERIES
ILD
HT41
CD-920
B, H
—
T
1240
“U” STYLE, KD12
U
15500 SERIES
ILD
HT41
CD-920
B, H
—
T
1240K
—
—
—
—
HTK
—
—
PH2
—
1550
—
P4, U5
15600 SERIES6,
ILD-P4,
HT614,
CD-9404,
15600 SERIES6,
PH27
—
15500 SERIES5
ILD5
HT415
CD-9205
B5,H5
Notes: BOLD indicates that use of the proper die adapter is needed.
1 Use UA22 die adapters
3 Use UAK die adapters
5 Use 48802 die adapters
7 Use 48824 die adapters
2 Use UAW die adapters
4 Use 48820 die adapters
6 Use 48788 die adapters
Competitive Die Compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com